Part Number Hot Search : 
TECHNO AK55GB40 AK55GB40 2N5407 IRF40B AMT8100 50005 D1113
Product Description
Full Text Search
 

To Download 2SA1493 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1493
DESCRIPTION With MT-200 package Complement to type 2SC3857 APPLICATIONS Audio and general purpose
PINNING(see Fig.2) PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (MT-200) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collectorl power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE -200 -200 -6 -15 -5 150 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=-50mA; IB=0 IC=-10 A;IB=-1 A VCB=-200V; IE=0 VEB=-6V; IC=0 IC=-5A ; VCE=-4V IC=-0.5A ; VCE=-12V IE=0; VCB=-10V;f=1MHz 50 20 400 MIN -200
2SA1493
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V
-3.0 -100 -100 180 |I |I
V A A
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=-5A;RL=-12| IB1=-IB2=-0.5A VCC=-60V 0.30 0.90 0.20 |I |I |I s s s
hFE classifications O 50-100 P 70-140 Y 90-180
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1493
Fig.2 Outline dimensions
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1493
4


▲Up To Search▲   

 
Price & Availability of 2SA1493

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X